Part Number Hot Search : 
2363C SKKH91 IRFP9140 TLRH160 HC5242 LTC4210 86BC2 2N5323
Product Description
Full Text Search
 

To Download ZGL41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZGL41-100 thru ZGL41-200A
Vishay Semiconductors
formerly General Semiconductor
Surface Mount Glass Passivated Zeners
DO-213AB
SOLDERABLE ENDS 1st BAND 0 D2 = D1 + 0.008 (0.20) -
Zener Voltage 100 to 200V Steady State Power 1.0W
Mounting Pad Layout
0.157 (4.00) MAX
D2
D1= 0.105 0.095 (2.67) (2.41)
0.049 (1.25) MIN
0.118 (3.00) MIN
0.022 (0.56) 0.018 (0.46) 0.205 (5.2) 0.185(4.7) 1st band denotes type and positive end (cathode)
0.022 (0.56) 0.018 (0.46)
Dimensions in inches and (millimeters)
0.256 (6.50) REF
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * For surface mount applications * Glass passivated junction * Low Zener impedance * Low regulation factor * High temperature soldering guaranteed: 250C/10 seconds at terminals
Mechanical Data
Case: JEDEC DO-213AB molded plastic body over passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Red band denotes Zener diode and positive end (cathode) Mounting Position: Any Weight: 0.0046 oz., 0.116 g Packaging codes/options: 26/5K per 13" Reel (12mm tape), 60K/box 46/1.5K per 7" Reel (12mm tape), 30K/box
Maximum Ratings and Electrical Characteristics (TA = 25C unless otherwise noted)
Operating junction and storage temperature range: TJ, TSTG: -55C to +150C
Nominal Zener Voltage at IZT
(Note 1)
Type
VZ (V)
Test Current IZT (mA)
Maximum Zener Dynamic Impedance ZZT at ZZK at IZK IZT () () (mA)
Maximum DC Reverse Maximum Max. Instantaneous Leakage Current Surge Current Forward Voltage at VR (Note 2) at 200mA IR (A) VR (V) IRM (mAdc) VF (V)
ZGL41-100 ZGL41-110 ZGL41-120 ZGL41-130 ZGL41-140 ZGL41-150 ZGL41-160 ZGL41-170 ZGL41-180 ZGL41-190 ZGL41-200
100 110 120 130 140 150 160 170 180 190 200
3.7 3.4 3.1 2.9 2.7 2.5 2.3 2.2 2.1 2.0 1.9
250 300 380 450 525 600 700 800 900 1050 1200
3100 4000 4500 5000 5500 6000 6500 6750 7000 7500 8000
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
76.0 83.6 91.2 98.8 106.4 114.0 121.6 129.2 136.9 144.4 152.0
10.0 9.1 8.3 7.7 7.1 6.7 6.3 5.9 5.6 5.3 5.0
1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5
Notes: (1) Standard voltage tolerance is 10%, Suffix A = 5% (2) Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method (3) Maximum steady state power dissipation is 1.0 watt at TT = 75C
Document Number 88409 02-May-02
www.vishay.com 1
ZGL41-100 thru ZGL41-200A
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 -- Maximum Continuous Power Dissipation
PM(AV) -- Average Power Dissipation (W)
1.0 60Hz Resistive or Inductive Load 0.75 10,000
Fig. 2 -- Typical Zener Impedance
ZZ -- Dynamic Zener Impedance ()
VZ = 200V 1,000 VZ = 180V VZ = 150V VZ = 120V 100 VZ = 100V
0.5
0.25 P.C.B. Mounted on 0.31 x 0.31 x 0.08 (8 x 8 x 2mm) Copper Areas Pads 0 25 50 75 100 125 150 175
10 0.1
1
10
Terminals Temperature (C)
IZT -- Zener Test Current (mA)
Fig. 3 -- Typical Instantaneous Forward Characteristics
10 10
Fig. 4 -- Typical Reverse Characteristics
Instantaneous Reverse Current (A)
Instantaneous Forward Current (A)
1
1
TJ = 100C
0.1
Pulse Width = 300s 1% Duty Cycle TJ = 25C
0.1
TJ = 25C 0.01 0 20 40 60 80 100
0.01 0.4
0.6
0.8
1
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
Percent of Rated Zener Voltage (%)
Fig. 5 -- Steady State Power Derating Curve
VZ -- Temperature Coefficient (mV/C)
10 220 200 Tested at Rated IZT 180 160 140 120 100 80 100 110 120 130 140 150 160 170 180 190 200
Fig. 6 -- Typical Zener Voltage
IZT -- Test Zener Current (mA)
1
0.1 100
150
200
250
VZ -- Zener Voltage (V) www.vishay.com 2
VZ -- Zener Voltage (V) Document Number 88409 02-May-02


▲Up To Search▲   

 
Price & Availability of ZGL41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X